PART |
Description |
Maker |
2SB1370 2SB1565 2SB1565F 2SB1655 |
Power Transistor (-60V/ -3A) Power Transistor (-60V, -3A) Power Transistor (-60V -3A) Power Transistor(-60V, -3A) 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits
|
ROHM[Rohm]
|
H3192-01 H3192-05 H3192-46 |
Sub-miniature PC Board Socket for ?0.5mm Pin, gold clip tin shell SUB-MINIATURE SOCKET ASSEMBLY
|
Harwin Plc
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
MDS726 |
Package SOP8
|
Zentrum Mikroelektronik Dresden AG
|
AQV217AZ AQV210 AQV210A AQV210AX AQV210AZ AQV212 A |
PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 600V, load current 50 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 100V, load current 320 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. GU (General Use) Type [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
CJQ4459 |
SOP8 Plastic-Encapsulate MOSFETS
|
TY Semiconductor Co., Ltd
|
CJQ9435 |
SOP8 Plastic-Encapsulate MOSFETS
|
TY Semiconductor Co., Ltd
|
CJQ4410 |
SOP8 Plastic-Encapsulate MOSFETS
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
2SJ602 2SJ602-S 2SJ602-ZJ 2SJ602-Z |
MOS FIELD EFFECT TRANSISTOR Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0632-3 00; No. of Positions: 30; Connector Type Pch power MOSFET 60V RDS(on)MAX=73m ohm TO-220AB,TO-262,TO-263
|
NEC Corp.
|
IRHE57034 IRHE53034 |
60V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a 18-pin LCC package 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a 18-pin LCC package
|
International Rectifier
|
SI1022R-T1-E3 |
Trans MOSFET N-CH 60V 0.33A 3-Pin SC-75A T/R
|
Vishay Siliconix
|
|